PART |
Description |
Maker |
PIC18F4580 PIC18F2580 PIC18F2480 18F258 PIC18F2580 |
28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology 28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology 10-Bit A/D and nanoWatt Technology (PIC18F2480 / 2580 / 4480 / 4580) Enhanced Flash Microcontrollers Microcontroller - Datasheet Reference
|
MICROCHIP[Microchip Technology] Microchip Technology Inc
|
ICL3224 ICL3226 ICL3238 ICL3244IA |
RS-232 Transceiver, 5T/3R, 3V to 5.5V, 250kbps, Enhanced Auto Powerdown RS-232 Transceiver, 1T/1R, 3V to 5.5V, 250kbps, Enhanced Auto Powerdown RS-232 Transceiver, 2T/2R, 3V to 5.5V, 250kbps, Enhanced Auto Powerdown 1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
|
Intersil Corporation
|
ICL3244 ICL3244CA ICL3232 ICL3238 ICL3224 ICL3244I |
1Microamp/ 3V to 5.5V/ 250kbps/ RS-232 Transceiver with Enhanced Automatic Powerdown 1 Microamp Supply-Current/ 3V to 5.5V/ 250kbps/ RS-232 Transmitters/Receivers 1 Microamp/ 3V to 5.5V/ 250kbps/ RS-232 Transceivers with Enhanced Automatic Powerdown 1mA, 3V To 5.5V, 250kbps, RS-232 Transceivers With Enhanced Automatic Powerdown; Temperature Range: -40°C to 85°C; Package: 28-TSSOP T&R TRIPLE LINE TRANSCEIVER, PDSO28
|
Intersil, Corp.
|
SCN2661 SCN2661AC1A28 SCN2661AC1N28 SCN2661BA1F28 |
(SCN2661 / SCN68661) Enhanced programmable communications interface EPCI Enhanced programmable communications interface EPCI 1 CHANNEL(S), 1M bps, SERIAL COMM CONTROLLER, PQCC28 Enhanced programmable communications interface EPCI 1 CHANNEL(S), 1M bps, SERIAL COMM CONTROLLER, PDIP28 SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 5 A, Pin Plunger Actuator, Solder Termination 1 CHANNEL(S), 1M bps, SERIAL COMM CONTROLLER, CDIP28
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
BPW34B Q62702-P945 |
Silicon PIN Photodiode with Enhanced Blue Sensitivity 硅PIN光电二极管的灵敏度增强蓝 Silizium-PIN-Fotodiode mit erh?hter Blauempfindlichkeit Silicon PIN Photodiode with Enhanced Blue Sensitivity From old datasheet system
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
NW6006 NW6006-XS NW6006AS |
Enhanced Type II Caller ID Decoder with Stutter Tone Detection ENHANCED TYPE II CALLER ID DECODER WITH STUTTER DIAL TONE DETECTOR
|
IDT[Integrated Device Technology]
|
PH8230E |
N-channel Trenchmos (tm) enhanced logic level FET N-CHANNEL TRENCHMOSTM ENHANCED LOGIC LEVEL FET
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
PIC16F62XT-20E_SS PIC16LF62X-20_P PIC16F62X-20_SO |
FLASH-Based 8-Bit CMOS Microcontroller Code Hopping Encoder(KeeLoq 码编码器) RESISTOR,ARRAY,2.2K, 5% RES ARRAY 100 OHM 4TERM 2RES SMD BBG ECL GATE OR/NOR TRPL; Package: SOEIAJ-16; No of Pins: 16; Container: Tape and Reel; Qty per Container: 2000 Triple 2-3-2-Input OR/NOR Gate; Package: SOEIAJ-16; No of Pins: 16; Container: Tape and Reel; Qty per Container: 2000 Enhanced FLASH/EEPROM 8-Bit Microcontroller(驱动/吸收电流高,工作电压2.0~5.5V,微控制 Enhanced FLASH 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory(带ADC转换器和EEPROM数据存储器的闪速CMOS微控制器) Enhanced FLASH/EEPROM 8-Bit Microcontroller With A/D Module(驱动/吸收电流高,工作电压3.0~5.5V,微控制 Enhanced FLASH/EEPROM 8-Bit Microcontroller With A/D Module(驱动/吸收电流高,工作电压2.5~5.5V,微控制 8-Pin, 8-Bit CMOS Enhanced FLASH Microcontroller with A/D Converter and EEPROM Data Memory(-2.5~5.5V,具ADC,闪速微控制 OTP 8-Bit CMOS Microcontroller with EEPROM Data Memory(工作电压2.5~5.5V路比较器,微控制 2K 5.0V IIC serial EEPROMs(2.5V~5.5V,2K1M次擦写周ISO7816标准) 1K 5.0V IIC serial EEPROMs(2.5V~5.5V,1K1M次擦写周ISO7816标准) 256K 5.0V SPI Bus Serial EEPROM(4.5~5.5V,256K浣?SPI?荤嚎涓茶?EEPROM)
|
Microchip Technology Inc.
|
16F876A PIC16F876ATI_ML PIC16F876ATI_PT PIC16F876A |
(PIC16LF87xA) 28/40/44 Pin Enhanced Flash Microcontrollers (PIC16LF87xA) Enhanced Flash Microcontrollers 28/40-pin Enhanced FLASH Microcontrollers
|
MICROCHIP[Microchip Technology]
|
ICL3245EIAZ ICL3225EIAZ ICL3227ECA ICL3227ECAZA IC |
卤15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown(卤15kV ESD ?叉?, 3V??5.5V, 1寰??, 1Mbps, RS-232?跺?????锋?澧?己????ㄥ?????? ±15kV ESD Protected, 3V to 5.5V, 1µA, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown; Temperature Range: 0°C to 70°C; Package: 16-SSOP T&R LINE TRANSCEIVER, PDSO16 5kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown LINE TRANSCEIVER, PDSO16 ±15kV ESD Protected, 3V to 5.5V, 1µA, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown; Temperature Range: -40°C to 85°C; Package: 16-SSOP T&R LINE TRANSCEIVER, PDSO16 ±15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown(±15kV ESD 防护, 3V5.5V, 1微安, 1Mbps, RS-232收发器,具有增强型自动关断功 ±15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
|
Intersil, Corp. Intersil Corporation
|
LPC47M112-MW LPC47M112-MC |
ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE MULTIFUNCTION PERIPHERAL, PQFP100 ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
|
SMSC, Corp. SMSC Corporation
|
|